PART |
Description |
Maker |
15-83-0516 |
Connector; No. of Contacts:16; Pitch Spacing:0.05"; No. of Rows:1; Mounting Type:Cable; Gender:Plug 16 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG
|
Molex, Inc.
|
M80-5D10605M1-00-000-03-335 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews, 6 x Large bore signal contacts, 3 x 12 AWG Power contacts 9 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP/IDC
|
Harwin PLC
|
MCSAR1-106S5D7-18.0 MCSAR4-56P4C7-18.0 MCSAR2-56P4 |
106 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, IDC, RECEPTACLE 56 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 106 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 86 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 36 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 80 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 40 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 44 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 3 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, IDC, RECEPTACLE 70 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 16 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, IDC, RECEPTACLE 85 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 27 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 118 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 103 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 73 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 26 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 4 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, IDC, RECEPTACLE 42 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 72 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 72 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, IDC, RECEPTACLE
|
CommScope, Inc. Vishay Intertechnology, Inc. Cardinal Components, Inc. Japan Aviation Electronics Industry, Ltd. 3M Company
|
M80-5L20622M1-03-334-03-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 6 x 4.5mm PC Tail signal contacts, 6 x 5mm PC Tail Power contacts 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5000000M5-05-337-00-000 M80-5000000M5-06-333-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, no signal contacts, 6 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5L10642M5-03-313-00-000 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3mm PC Tail Coax contacts 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10642M2-00-000-03-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5C10605M2-02-336-02-336 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews 3.5mm board mount, 6 x Small bore signal contacts, 4 x 14 AWG Power contacts
|
HARWIN INC
|
PC323S-12 PC323S-12RL PC323S PC323S-12H PC323S-12L |
Subminiature PCB Telecom Relay With Bifurcated Contacts
|
PICKER[Picker Components]
|
39-01-2241 |
Header; No. of Contacts:24; Pitch Spacing:0.165"; No. of Rows:2; Gender:Male; Series:Mini-Fit Jr. 5559; Body Material:Nylon 6/6 RoHS Compliant: Yes 24 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
|